PART |
Description |
Maker |
MTM8N35 MTM8N40 MTH8N40 MTH8N35 |
(MTH8N35 / MTH8N40) Power Field Effect Transistor Power Field Effect Transistor N-Channel Enhancement-Mode Silicon Gate TMOS
|
Motorola Semiconductor MOTOROLA[Motorola, Inc]
|
CP792V |
Smal Signal Transistor PNP - Amp/Switch Transistor Chip
|
Central Semiconductor Corp
|
SSM3J09FU |
Field Effect Transistor Silicon P Channel MOS Type Management Switch High Speed Switching Applications TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
|
Toshiba Semiconductor
|
2SK3476 |
Field Effect Transistor Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
|
TOSHIBA[Toshiba Semiconductor]
|
PTF10021 |
30 Watts, 1.4-1.6 GHz GOLDMOS Field Effect Transistor 30瓦,1.4-1.6 GHzGOLDMOS场效应晶体管 30 Watts/ 1.4-1.6 GHz GOLDMOS Field Effect Transistor 30 Watts, 1.4.6 GHz GOLDMOS Field Effect Transistor
|
Ericsson Microelectronics
|
NDH8320C |
Dual N & P-Channel Enhancement Mode Field Effect Transistor(双N沟道和P沟道增强型场效应N沟道:漏电流3A, 漏源电压20V,导通电.06Ω;P沟道:漏电流-2A, 漏源电压-20V,导通电.13Ω 3000 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET Dual N & P-Channel Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STS2306 |
N-Channel Enhancement Mode Field Effect Transistor N-Channel E nhancement Mode Field Effect Transistor
|
SamHop Microelectronics Corp.
|
NDP6020P NDB6020P |
P-Channel Enhancement Mode Field Effect Transistor24A,-20V0.05ΩP沟道增强型MOS场效应管(漏电流-24A, 漏源电压-20V,导通电0.05Ω 24 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-263AB P-Channel Logic Level Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
TPCS8211 |
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII) Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII) Lithium Ion Battery Applications Notebook PC Applications Portable Machines and Tools
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
2SJ567 |
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (π-MOSV) Field Effect Transistor Silicon P Channel MOS Type (pi-MOSV) Switching Applications Chopper Regulator, DC-DC Converter and Motor Drive Applications
|
Toshiba Semiconductor
|